| 전자부품 데이터시트 검색엔진 |
|
AD650 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD650 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() AD650 REV. C –12– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 14-Lead Ceramic DIP (D-14) 14 1 7 8 0.098 (2.49) MAX 0.310 (7.87) 0.220 (5.59) 0.005 (0.13) MIN PIN 1 0.100 (2.54) BSC SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.060 (1.52) 0.015 (0.38) 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) 0.150 (3.81) MAX 0.785 (19.94) MAX 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 14-Lead Plastic DIP (N-14) 14 17 8 PIN 1 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) 0.100 (2.54) BSC SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.022 (0.558) 0.014 (0.356) 0.160 (4.06) 0.115 (2.93) 0.070 (1.77) 0.045 (1.15) 0.130 (3.30) MIN 0.195 (4.95) 0.115 (2.93) 0.015 (0.381) 0.008 (0.204) 0.325 (8.25) 0.300 (7.62) 20-Lead PLCC (P-20A) 3 PIN 1 IDENTIFIER 4 19 18 8 9 14 13 TOP VIEW (PINS DOWN) 0.395 (10.02) 0.385 (9.78) SQ 0.356 (9.04) 0.350 (8.89) SQ 0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07) 0.020 (0.50) R 0.050 (1.27) BSC 0.021 (0.53) 0.013 (0.33) 0.330 (8.38) 0.290 (7.37) 0.032 (0.81) 0.026 (0.66) 0.180 (4.57) 0.165 (4.19) 0.040 (1.01) 0.025 (0.64) 0.056 (1.42) 0.042 (1.07) 0.025 (0.63) 0.015 (0.38) 0.110 (2.79) 0.085 (2.16) |