전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC1612 데이터시트(PDF) 1 Page - auris-GmbH

부품명 HC1612
상세설명  Ultra thin and small leadless type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AURIS [auris-GmbH]
홈페이지  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

HC1612 데이터시트(HTML) 1 Page - auris-GmbH

  HC1612 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.22
HC1612/4
Quartz SMD, Ceramic
Features:
- SMD
- High reliability
- Application: Bluetooth, wireless LAN
- Ultra thin and small leadless type
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Specifications
Symbol
HC1612/4
Frequency range
f
32.000MHz ~ 52.000MHz
-
Frequency tolerance,Ta=25°C
Äf/f
±10ppm ~ ±50ppm
Load capacitance
CL
8,10,12pf
Temperature tolerance
Äf/f
±10ppm ~ ±50ppm
Storage temperature range
TSTG
-55°C ~ +125°C
Operating temperature range
TOPR
-20°C ~ 70°C
Maximum drive level
MDL
100ìW
Recommended drive level
R
DL
10ìW
Series resistance
R
1
As per table
Shunt capacitance
C
0
3pF
Insulation resistance
IR
500M Ohm
Aging
ÄfA
±3ppm/Year
- Please consult with us for other specifications
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
32.0 <= f < 40.0
Fundamental
150
40.0 <= f < 52.0
Fundamental
100
Remarks
Fundamental mode
Please specify
Others are offered
Please specify
Others are offered
25°C ±3°C
Max
Min
Drawing
HC1612/4
Dimensions in mm
Order key
Q
- 32.000000M - HC1612/4
- F
- 30
- 50
- E
- 12
- TR
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
HC1612/4
F=fund.
±ppm
±ppm
A=
0°C ~ +70°C
pF
TR=Tape and reel
(25°C)
(Temp. range)
B= -10°C ~ +60°C
SR=series
X=Special options
C= -10°C ~ +70°C
D= -20°C ~ +70°C


유사한 부품 번호 - HC1612

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
HC161 SLS-HC161 Datasheet
85Kb / 9P
Presettable Counters
More results

유사한 설명 - HC1612

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3 Datasheet
96Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
ultra small and thin form package white LED
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 1
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
Small and thin
logo
Diodes Incorporated
GDZ2V7LP3 DIODES-GDZ2V7LP3 Datasheet
342Kb / 5P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 18
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com