전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMOC3043H 데이터시트(PDF) 2 Page - COSMO Electronics Corporation

부품명 KMOC3043H
상세설명  Zero Crossing Optoisolators TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3043H 데이터시트(HTML) 2 Page - COSMO Electronics Corporation

  KMOC3043H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3043H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3043H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3043H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3043H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3043H Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.62P42009
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3043H
SHEET 2 OF 6
REV.
2
1. OUTSIDE DIMENSION:UNIT (mm)
1 0 - 1 2
0 . 2 5
5 . 0 8
1 . 2 0
0 . 3
2 . 5 4
0 . 5
1 0 . 1 6 ( t y p . )
6 . 5 0
X X X
D a t e
C o d e
7 . 3 0
3 0 4 3
Anode
TOLERANCE : ±0.2mm
2. SCHEMATIC:TOP VIEW
Circuit
Crossing
Zero
4
6
2
3
1
1. Anode
2. Cathode
3. NC
4. Main Terminal
6. Main Terminal



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com