| 전자부품 데이터시트 검색엔진 |
|
AD7859AS 데이터시트(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7859AS 데이터시트(HTML) 15 Page - Analog Devices |
|
15 / 28 page ![]() AD7859/AD7859L REV. A –15– DC/AC Applications For dc applications, high source impedances are acceptable, provided there is enough acquisition time between conversions to charge the 20 pF capacitor. For example with RIN = 5 k Ω, the required acquisition time is 922 ns. For ac applications, removing high frequency components greater than the Nyquist frequency from the analog input signal is recommended by use of a low- pass filter on the AIN(+) pin, as shown in Figure 11. In applications where harmonic distor- tion and signal to noise ratio are critical, the analog input should be driven from a low impedance source. Large source imped- ances significantly affect the ac performance of the ADC. They may require the use of an input buffer amplifier. The choice of the amplifier is a function of the particular application. The maximum source impedance depends on the amount of to- tal harmonic distortion (THD) that can be tolerated. The THD increases as the source impedance increases. Figure 10 shows a graph of the Total Harmonic Distortion vs. analog input signal frequency for different source impedances. With the setup as in Figure 11, the THD is at the –90 dB level. With a source im- pedance of 1 k Ω and no capacitor on the AIN(+) pin, the THD increases with frequency. INPUT FREQUENCY – kHz –72 –76 –92 0 100 20 40 60 80 –88 –80 –84 THD VS. FREQUENCY FOR DIFFERENT SOURCE IMPEDANCES RIN = 1kΩ RIN = 50kΩ, 10nF AS IN FIGURE 13 Figure 10. THD vs. Analog Input Frequency In a single supply application (both 3 V and 5 V), the V+ and V– of the op amp can be taken directly from the supplies to the AD7859/AD7859L which eliminates the need for extra external power supplies. When operating with rail-to-rail inputs and out- puts at frequencies greater than 10 kHz, care must be taken in selecting the particular op amp for the application. In particular, for single supply applications the input amplifiers should be connected in a gain of –1 arrangement to get the optimum per- formance. Figure 11 shows the arrangement for a single supply application with a 50 Ω and 10 nF low-pass filter (cutoff fre- quency 320 kHz) on the AIN(+) pin. Note that the 10 nF is a capacitor with good linearity to ensure good ac performance. Recommended single supply op amps are the AD820 and the AD820-3V. ANALOG INPUT The equivalent analog input circuit is shown in Figure 9. AIN(+) is the channel connected to the positive input of the track/hold circuitry and AIN(–) is the channel connected to the negative input. Please refer to Table IIIa and Table IIIb for channel configuration. During the acquisition interval the switches are both in the track position and the AIN(+) charges the 20 pF capacitor through the 125 Ω resistance. The rising edge of CONVST switches SW1 and SW2 go into the hold position retaining charge on the 20 pF capacitor as a sample of the signal on AIN(+). The AIN(–) is connected to the 20 pF capacitor, and this unbalances the voltage at node A at the input of the comparator. The capacitor DAC adjusts during the remainder of the conversion cycle to restore the voltage at node A to the correct value. This action transfers a charge, representing the analog input signal, to the capacitor DAC which in turn forms a digital representation of the analog input signal. The voltage on the AIN(–) pin directly influences the charge transferred to the capacitor DAC at the hold instant. If this voltage changes during the conversion period, the DAC representation of the analog input voltage is altered. Therefore it is most important that the voltage on the AIN(–) pin remains constant during the conversion period. Furthermore, it is recommended that the AIN(–) pin is always connected to AGND or to a fixed dc voltage. CAPACITOR DAC COMPARATOR HOLD TRACK SW2 NODE A 20pF SW1 TRACK HOLD 125 Ω 125 Ω AIN(+) AIN(–) AGND Figure 9. Analog Input Equivalent Circuit Acquisition Time The track-and-hold amplifier enters its tracking mode on the falling edge of the BUSY signal. The time required for the track-and-hold amplifier to acquire an input signal will depend on how quickly the 20 pF input capacitance is charged. There is a minimum acquisition time of 400 ns. This includes the time required to change channels. For large source impedances, >2 k Ω, the acquisition time is calculated using the formula: tACQ = 9 × (R IN + 125 Ω) × 20 pF where RIN is the source impedance of the input signal, and 125 Ω, 20 pF is the input R, C. |