전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AB0803-T3 데이터시트(PDF) 2 Page - Abracon Corporation

부품명 AB0803-T3
상세설명  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABRACON [Abracon Corporation]
홈페이지  https://abracon.com
Logo ABRACON - Abracon Corporation

AB0803-T3 데이터시트(HTML) 2 Page - Abracon Corporation

  AB0803-T3 Datasheet HTML 1Page - Abracon Corporation AB0803-T3 Datasheet HTML 2Page - Abracon Corporation AB0803-T3 Datasheet HTML 3Page - Abracon Corporation AB0803-T3 Datasheet HTML 4Page - Abracon Corporation AB0803-T3 Datasheet HTML 5Page - Abracon Corporation AB0803-T3 Datasheet HTML 6Page - Abracon Corporation AB0803-T3 Datasheet HTML 7Page - Abracon Corporation AB0803-T3 Datasheet HTML 8Page - Abracon Corporation AB0803-T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (1) of (12)
Abracon Drawing #
Revision #: Initial Release
1.
Family Summary
The AB08XX family consists of several members. All devices are supplied in a standard 3 mm x 3 mm QFN-16 package.
Members of the software and pin compatible AB18XX RTC with Power Management family are also listed.
Part #
Baseline
Timekeeping
Advanced Timekeeping
Power Management
Interface
XT
Osc
Number
of GP
Outputs
RC
Osc
Calib/
Auto-calib
Watch-
dog
RA
M
(B)
VBAT
Switch
Reset
Mgmt
Ext
Int
Power
Switch and
Sleep FSM
AB0801-T3
■
2
■
■
0
I2C
AB0803-T3
■
2
■
■
64
■
I2C
AB0804-T3
■
4
■
■
■
256
■
I2C
AB0805-T3
■
4
■
■
■
256
■
■
I2C
AB0811-T3
■
2
■
■
0
SPI
AB0813-T3
■
2
■
■
64
■
SPI
AB0814-T3
■
3
■
■
■
256
■
SPI
AB0815-T3
■
3
■
■
■
256
■
■
SPI
Software and Pin Compatible AB18XX Family Components
AB1801-T3
■
2
■
■
0
■
I2C
AB1803-T3
■
2
■
■
64
■
■
I2C
AB1804-T3
■
4
■
■
■
256
■
■
■
I2C
AB1805-T3
■
4
■
■
■
256
■
■
■
■
I2C
AB1811-T3
■
2
■
■
0
■
SPI
AB1813-T3
■
2
■
■
64
■
■
SPI
AB1814-T3
■
3
■
■
■
256
■
■
■
SPI
AB1815-T3
■
3
■
■
■
256
■
■
■
■
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com