전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPC4N33L 데이터시트(PDF) 1 Page - COSMO Electronics Corporation

부품명 KPC4N33L
상세설명  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC4N33L 데이터시트(HTML) 1 Page - COSMO Electronics Corporation

  KPC4N33L Datasheet HTML 1Page - COSMO  Electronics Corporation KPC4N33L Datasheet HTML 2Page - COSMO  Electronics Corporation KPC4N33L Datasheet HTML 3Page - COSMO  Electronics Corporation KPC4N33L Datasheet HTML 4Page - COSMO  Electronics Corporation KPC4N33L Datasheet HTML 5Page - COSMO  Electronics Corporation KPC4N33L Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
DATE:05/05/2011
NO.63P21002
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPC4N33L
SHEET 1 OF 6
REV.
1
High Reliability Photocoupler
Features
1. Current transfer ratio
( CTR:Min. 500% at IF=1mA, VCE=2V )
2. High isolation voltage between input and output(Viso:5000Vrms)
3. Compact long creepage distance for surface mount type package.
Application:
1. System appliances, measuring instruments.
2. Industrial robots.
3. Copiers, automatic vending machines..
4. Signal transmission between circuits of different potentials and
impedances.
5. Telephone sets.
6. Copiers, facsimiles.
7. Interface with various power supply circuits, power distribution boards.
8. Numerical control machines.


유사한 부품 번호 - KPC4N33L

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KPC4N33LETL COSMO-KPC4N33LETL Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33LETLD COSMO-KPC4N33LETLD Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33LETR COSMO-KPC4N33LETR Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33LETRU COSMO-KPC4N33LETRU Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
More results

유사한 설명 - KPC4N33L

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
High Reliability Photocoupler
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
High Reliability Photocoupler
K10106T COSMO-K10106T Datasheet
164Kb / 6P
High Reliability Photocoupler
K10106W COSMO-K10106W Datasheet
165Kb / 6P
High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com