| 전자부품 데이터시트 검색엔진 |
|
AD8801AR 데이터시트(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8801AR 데이터시트(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() AD8801/AD8803 REV. A –13– * * AD8801/AD8803 to M68HC11 Interface Assembly Program * * M68HC11 Register definitions * PORTC EQU $1003 Port C control register * “0,0,0,0;0,0,RS/, SHDN/” DDRC EQU $1007 Port C data direction PORTD EQU $1008 Port D data register * “0,0,/CS,CLK;SDI,0,0,0” DDRD EQU $1009 Port D data direction SPCR EQU $1028 SPI control register * “SPIE,SPE,DWOM,MSTR;CPOL,CPHA,SPR1,SPR0” SPSR EQU $1029 SPI status register * “SPIF,WCOL,0,MODF;0,0,0,0” SPDR EQU $102A SPI data register; Read-Buffer; Write-Shifter * * SDI RAM variables: SDI1 is encoded from 0 (Hex) to 7 (Hex) * SDI2 is encoded from 00 (Hex) to FF (Hex) * AD8801/3 requires two 8-bit loads; upper 5 bits * of SDI1 are ignored. AD8801/3 address bits in last * three LSBs of SDI1. * SDI1 EQU $00 SDI packed byte 1 “0,0,0,0;0,A2,A1,A0” SDI2 EQU $01 SDI packed byte 2 “DB7,DB6,DB5,DB4;DB3,DB2,DB1,DB0” * * Main Program * ORG $C000 Start of user’s RAM in EVB INIT LDS #$CFFF Top of C page RAM * * Initialize Port C Outputs * LDAA #$03 0,0,0,0;0,0,1,1 * /RS-Hi, /SHDN-Hi STAA PORTC Initialize Port C Outputs LDAA #$03 0,0,0,0;0,0,1,1 STAA DDRC /RS and /SHDN are now enabled as outputs * * Initialize Port D Outputs * LDAA #$20 0,0,1,0;0,0,0,0 * /CS-Hi,/CLK-Lo,SDI-Lo STAA PORTD Initialize Port D Outputs LDAA #$38 0,0,1,1;1,0,0,0 STAA DDRD /CS,CLK, and SDI are now enabled as outputs * * Initialize SPI Interface * LDAA #$53 STAA SPCR SPI is Master,CPHA=0,CPOL=0,Clk rate=E/32 * * Call update subroutine * BSR UPDATE Xfer 2 8-bit words to AD8402 JMP $E000 Restart BUFFALO * * Subroutine UPDATE * UPDATE PSHX Save registers X, Y, and A |