전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR30040CT 데이터시트(PDF) 2 Page - Naina Semiconductor ltd.

부품명 MBR30040CT
상세설명  Silicon Schottky Diode, 300A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NAINA [Naina Semiconductor ltd.]
홈페이지  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR30040CT 데이터시트(HTML) 2 Page - Naina Semiconductor ltd.

  MBR30040CT Datasheet HTML 1Page - Naina Semiconductor ltd. MBR30040CT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
MBR30020CT thru
MBR30040CTR
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM
Ordering Table
MBRP
300
20
CT
1
2
3
4
1 – Device Type
>
MBR = Schottky Barrier Diode Module
2 – Current Rating = IF(AV)
3 – Voltage = VRRM
4 – Polarity
>
CT = Normal (Cathode to Base)
>
CTR = Reverse (Anode to Base)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com