전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9100 데이터시트(PDF) 12 Page - Analog Devices

부품명 AD9100
상세설명  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9100 데이터시트(HTML) 12 Page - Analog Devices

Back Button AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices AD9100 Datasheet HTML 10Page - Analog Devices AD9100 Datasheet HTML 11Page - Analog Devices AD9100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD9100
REV. B
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Side-Brazed Ceramic DIP
(D-20)
20
1
10
11
PIN 1 IDENTIFIER
0.100 (2.54)
TYP
SEATING
PLANE
0.150
(3.81)
MIN
0.290
0.010
(7.366
0.254)
0.05 (1.27)
TYP
0.020 (0.51)
0.016 (0.41)
0.020
0.005
(0.508
0.127)
1.052
0.011
(26.721
0.279)
0.175 (4.45)
MAX
0.010
0.002
(0.254
0.051)
0.300 (7.62)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12