| 전자부품 데이터시트 검색엔진 |
|
AD9754-EB 데이터시트(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9754-EB 데이터시트(HTML) 19 Page - Analog Devices |
|
19 / 24 page ![]() AD9754 –19– REV. A Figure 37 shows the AD9754 reconstructing a wideband, or W-CDMA test vector with a bandwidth of 5 MHz, centered at 15.625 MHz and being sampled at 62.5 MSPS. ACP for the given test vector is measured at 70 dB. FREQUENCY – MHz –30 –50 –110 –70 –90 13.125 15.625 18.125 –40 –60 –80 –100 –20 –120 Figure 37. CDMA Signal, Sampled at 65 MSPS, Adjacent Channel Power >70 dB AD9754 EVALUATION BOARD General Description The AD9754-EB is an evaluation board for the AD9754 14-bit DAC converter. Careful attention to layout and circuit design, combined with a prototyping area, allows the user to easily and effectively evaluate the AD9754 in any application where high resolution, high speed conversion is required. This board allows the user the flexibility to operate the AD9754 in various configurations. Possible output configurations in- clude transformer coupled, resistor terminated, inverting/ noninverting and differential amplifier outputs. The digital inputs are designed to be driven directly from various word generators with the onboard option to add a resistor network for proper load termination. Provisions are also made to operate the AD9754 with either the internal or external reference or to exercise the power-down feature. Refer to the application note AN-420 for a thorough description and operating instructions for the AD9754 evaluation board. AD9754 (“I DAC”) AD9754 (“Q DAC”) IOUTA IOUTB QOUTA QOUTB DCOM FSADJ REFIO SLEEP RSET2 1.9k 0.1 F CLK Q DATA INPUT I DATA INPUT DVDD AVDD 100W 500 100 CFILTER 100 500 500 500 500 500 500 634 +3V IIPP IIPN IIQP IIQN AD6122 REFLO ACOM REFLO AVDD REFIO FSADJ RSET1 2k RCAL 220 U1 U2 AVDD LATCHES 500 DAC DAC LATCHES 100 2 TEMPERATURE COMPENSATION GAIN CONTROL SCALE FACTOR REFIN VGAIN GAIN CONTROL LOIPP LOIPN TXOPP TXOPN VCC VCC PHASE SPLITTER MODOPP MODOPN Figure 36. CDMA Transmit Application Using AD9754 |