| 전자부품 데이터시트 검색엔진 |
|
AD9884A/PCB 데이터시트(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9884A/PCB 데이터시트(HTML) 19 Page - Analog Devices |
|
19 / 24 page ![]() REV. B AD9884A –19– O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 E1 Figure 14. Odd Pixels from Frame 1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 O1 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 E2 Figure 15. Even Pixels from Frame 2 ALTERNATE PIXEL SAMPLING MODE A Logic 1 input on CKINV (Pin 27) shifts the sampling phase 180 degrees. CKINV can be switched between frames to imple- ment the alternate pixel sampling mode. This allows higher effective image resolution to be achieved at lower pixel rates, but with lower frame rates. O O O O O O O O O O O E E E E E E E E E E E O O O O O O O O O O O E E E E E E E E E E E O O O O O O O O O O O E E E E E E E E E E E O O O O O O O O O O O E E E E E E E E E E E O O O O O O O O O O O E E E E E E E E E E E O O O O O O O O O O O E E E E E E E E E E E Figure 13. Odd and Even Pixels in a Frame On one frame, only even pixels are digitized. On the subsequent frame, odd pixels are sampled. By reconstructing the entire frame in the graphics controller, a complete image can be reconstructed. This is very similar to the interlacing process that is employed in broadcast television systems, but the interlacing is vertical instead of horizontal. The frame data is still presented to the display at the full desired refresh rate (usually 60 Hz) so there are no flicker artifacts added. O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 O1 E2 Figure 16. Combined Frame Output from Graphics Controller O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 O3 E2 Figure 17. Subsequent Frame from Controller |