| 전자부품 데이터시트 검색엔진 |
|
STM32F405VG 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 180 page ![]() Port B PB0 TIM1_CH2N TIM3_CH3 TIM8_CH2N OTG_HS_ULPI_D1 ETH _MII_RXD2 EVENTOUT PB1 TIM1_CH3N TIM3_CH4 TIM8_CH3N OTG_HS_ULPI_D2 ETH _MII_RXD3 EVENTOUT PB2 EVENTOUT PB3 JTDO/ TRACESWO TIM2_CH2 SPI1_SCK SPI3_SCK I2S3_CK EVENTOUT PB4 NJTRST TIM3_CH1 SPI1_MISO SPI3_MISO I2S3ext_SD EVENTOUT PB5 TIM3_CH2 I2C1_SMBA SPI1_MOSI SPI3_MOSI I2S3_SD CAN2_RX OTG_HS_ULPI_D7 ETH _PPS_OUT DCMI_D10 EVENTOUT PB6 TIM4_CH1 I2C1_SCL USART1_TX CAN2_TX DCMI_D5 EVENTOUT PB7 TIM4_CH2 I2C1_SDA USART1_RX FSMC_NL DCMI_VSYNC EVENTOUT PB8 TIM4_CH3 TIM10_CH1 I2C1_SCL CAN1_RX ETH _MII_TXD3 SDIO_D4 DCMI_D6 EVENTOUT PB9 TIM4_CH4 TIM11_CH1 I2C1_SDA SPI2_NSS I2S2_WS CAN1_TX SDIO_D5 DCMI_D7 EVENTOUT PB10 TIM2_CH3 I2C2_SCL SPI2_SCK I2S2_CK USART3_TX OTG_HS_ULPI_D3 ETH_ MII_RX_ER EVENTOUT PB11 TIM2_CH4 I2C2_SDA USART3_RX OTG_HS_ULPI_D4 ETH _MII_TX_EN ETH _RMII_TX_EN EVENTOUT PB12 TIM1_BKIN I2C2_SMBA SPI2_NSS I2S2_WS USART3_CK CAN2_RX OTG_HS_ULPI_D5 ETH _MII_TXD0 ETH _RMII_TXD0 OTG_HS_ID EVENTOUT PB13 TIM1_CH1N SPI2_SCK I2S2_CK USART3_CTS CAN2_TX OTG_HS_ULPI_D6 ETH _MII_TXD1 ETH _RMII_TXD1 EVENTOUT PB14 TIM1_CH2N TIM8_CH2N SPI2_MISO I2S2ext_SD USART3_RTS TIM12_CH1 OTG_HS_DM EVENTOUT PB15 RTC_50Hz TIM1_CH3N TIM8_CH3N SPI2_MOSI I2S2_SD TIM12_CH2 OTG_HS_DP EVENTOUT Port C PC0 OTG_HS_ULPI_STP EVENTOUT PC1 ETH_MDC EVENTOUT PC2 SPI2_MISO I2S2ext_SD OTG_HS_ULPI_DIR ETH _MII_TXD2 EVENTOUT PC3 SPI2_MOSI I2S2_SD OTG_HS_ULPI_NXT ETH _MII_TX_CLK EVENTOUT PC4 ETH_MII_RXD0 ETH_RMII_RXD0 EVENTOUT PC5 ETH _MII_RXD1 ETH _RMII_RXD1 EVENTOUT PC6 TIM3_CH1 TIM8_CH1 I2S2_MCK USART6_TX SDIO_D6 DCMI_D0 EVENTOUT PC7 TIM3_CH2 TIM8_CH2 I2S3_MCK USART6_RX SDIO_D7 DCMI_D1 EVENTOUT PC8 TIM3_CH3 TIM8_CH3 USART6_CK SDIO_D0 DCMI_D2 EVENTOUT PC9 MCO2 TIM3_CH4 TIM8_CH4 I2C3_SDA I2S_CKIN SDIO_D1 DCMI_D3 EVENTOUT PC10 SPI3_SCK/ I2S3S_CK USART3_TX/ UART4_TX SDIO_D2 DCMI_D8 EVENTOUT PC11 I2S3ext_SD SPI3_MISO/ USART3_RX UART4_RX SDIO_D3 DCMI_D4 EVENTOUT PC12 SPI3_MOSI I2S3_SD USART3_CK UART5_TX SDIO_CK DCMI_D9 EVENTOUT PC13 PC14 PC15 Table 8. Alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF014 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/11 I2C1/2/3 SPI1/SPI2/ I2S2/I2S2ext SPI3/I2Sext/ I2S3 USART1/2/3/ I2S3ext UART4/5/ USART6 CAN1/CAN2/ TIM12/13/14 OTG_FS/ OTG_HS ETH FSMC/SDIO/ OTG_FS DCMI |