전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG725 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADG725
상세설명  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG725 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADG725 Datasheet HTML 7Page - Analog Devices ADG725 Datasheet HTML 8Page - Analog Devices ADG725 Datasheet HTML 9Page - Analog Devices ADG725 Datasheet HTML 10Page - Analog Devices ADG725 Datasheet HTML 11Page - Analog Devices ADG725 Datasheet HTML 12Page - Analog Devices ADG725 Datasheet HTML 13Page - Analog Devices ADG725 Datasheet HTML 14Page - Analog Devices ADG725 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ADG725/ADG731
–13–
REV. PrD
PRELIMINARY TECHNICAL DATA
Test Circuit 1. On Resistance.
Test Circuits
Test Circuit 2. IS (OFF).
Test Circuit 3. ID (OFF)
Test Circuit 4. ID (ON)
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION.
Test Circuit 6. Break Before Make Delay, tOPEN.
VS
IS(OFF)
VD
S1
S2
S32
D
GND
V
DD
VDD
V
SS
VSS
ID(ON)
VD
S1
S32
VS
D
A
GND
V
DD
VDD
V
SS
VSS
VD
S1
S2
S32
VS
ID(OFF)
D
GND
V
DD
VDD
A
V
SS
VSS
IDS
S
RON = V1/IDS
V S
D
V1
50%
VOUT
tTRANSITION
90%
90%
tTRANSITION
SYNC
50%
VOUT
D
VS1
* SIMILAR CONNECTION FOR ADG725
GND
ADG731*
S1
S32
S2 THRU S31
VS32
RL
300
Ω
CL
35pF
0V
V
DD
VDD
V
SS
VSS
VS1
VS32
VDD
VDD
VOUT
D
VS
ADG731*
S1
S32
S2 THRU S31
RL
300
Ω
CL
35pF
VOUT
tOPEN
80%
80%
0V
VS
SYNC
*SIMILAR CONNECTION FOR ADG725
VSS
VSS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com