전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS541PYA332MSZ 데이터시트(PDF) 3 Page - Coilcraft lnc.

부품명 MS541PYA332MSZ
상세설명  High-Reliability Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS541PYA332MSZ 데이터시트(HTML) 3 Page - Coilcraft lnc.

  MS541PYA332MSZ Datasheet HTML 1Page - Coilcraft lnc. MS541PYA332MSZ Datasheet HTML 2Page - Coilcraft lnc. MS541PYA332MSZ Datasheet HTML 3Page - Coilcraft lnc. MS541PYA332MSZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MS541PYA Series (7070)
7070 POWER INDUCTORS
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document MS856-3 Revised 01/08/13
L vs Current
3.3 µH
0
3.0
2.0
1.0
4.0
5.0
Current (A)
010
5152025
0
4
2
6
8
Current (A)
4.7 µH
02
46
814
12
16
18
20
10
0
4
2
6
8
Current (A)
5.6 µH
01
23
45
8
79
10 11 12 13 14 15
6
0
4
2
6
8
10
Current (A)
6.8 µH
01
23
45
8
79
10 11 12 13 14 15
6
2.2 µH
0
0.6
1.2
1.8
2.4
3.0
Current (A)
010
5152025



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com