전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS541PYA472MSZ 데이터시트(PDF) 1 Page - Coilcraft lnc.

부품명 MS541PYA472MSZ
상세설명  High-Reliability Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS541PYA472MSZ 데이터시트(HTML) 1 Page - Coilcraft lnc.

  MS541PYA472MSZ Datasheet HTML 1Page - Coilcraft lnc. MS541PYA472MSZ Datasheet HTML 2Page - Coilcraft lnc. MS541PYA472MSZ Datasheet HTML 3Page - Coilcraft lnc. MS541PYA472MSZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1. When ordering, please specify
testing code:
MS541PYA682MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR (mOhms)3
SRF (MHz)4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
(A)
20°C rise 40°C rise
MS541PYA161MSZ
0.16
0.75
0.83
166
207
78.0
22.9
27.1
MS541PYA301MSZ
0.30
1.06
1.17
108
135
55.6
19.6
25.1
MS541PYA551MSZ
0.55
1.42
1.56
71
89
43.0
17.6
21.8
MS541PYA651MSZ
0.65
1.75
1.93
59
74
40.0
15.8
19.9
MS541PYA801MSZ
0.80
2.08
2.29
54
67
37.8
15.6
19.4
MS541PYA102MSZ
1.0
2.55
2.81
51
64
34.8
15.0
18.8
MS541PYA122MSZ
1.2
3.10
3.41
34
43
31.2
12.2
16.2
MS541PYA182MSZ
1.8
4.05
4.46
34
43
25.0
11.9
15.8
MS541PYA222MSZ
2.2
5.73
6.33
28
35
19.6
9.9
13.4
MS541PYA332MSZ
3.3
8.56
9.42
26
32
19.4
8.7
11.3
MS541PYA472MSZ
4.7
12.96
14.26
21
26
15.2
7.9
10.2
MS541PYA562MSZ
5.6
13.67
15.03
17
21
13.0
6.4
8.6
MS541PYA682MSZ
6.8
17.84
19.62
16
20
12.8
5.1
6.9
7070 POWER INDUCTORS
High-Reliability PowerInductorsMS541PYA
Core material Composite
Terminations Tin-lead (63/37) over copper.
Weight 1.9 – 2.1g
Ambient temperature –55°C to +105°C with Irms current, +105°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 150 per 7
″reel
Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing,
7.21 mm pocket depth
■
High temperature materials allow operation in ambient
temperatures up to 155°C
■
Passes vibration testing to 80 G and shock testing to 1000 G
■
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
■
High current and very low DCR
■
Soft saturation makes them ideal for VRM/VRD applications.
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize
additional temperature rise.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.
Document MS856-1 Revised 01/08/13


유사한 부품 번호 - MS541PYA472MSZ

제조업체부품명데이터시트상세설명
logo
Intersema Sensoric SA
MS5412-BM INTERSEMA-MS5412-BM Datasheet
183Kb / 8P
MINIATURE SMD PRESSURE SENSOR
MS5412-BM INTERSEMA-MS5412-BM Datasheet
194Kb / 10P
MINIATURE SMD PRESSURE SENSOR
logo
Murata Manufacturing Co...
MS541DE MURATA-MS541DE Datasheet
688Kb / 11P
This data sheet is applied to the magnetic switch MRMS541D
More results

유사한 설명 - MS541PYA472MSZ

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com