| 전자부품 데이터시트 검색엔진 |
|
ADM232LAQ 데이터시트(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM232LAQ 데이터시트(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() 24-Lead Cerdip (Q-24) PIN 1 1 24 12 13 1 0.295 (7.493) MAX SEATING PLANE 0.225 (5.715) MAX 0.125 (3.175) MIN 0.070 (1.778) 0.020 (0.508) 0.180 (4.572) MAX 1.290 (32.77) MAX 0.021 (0.533) 0.015 (0.381) TYP 0.065 (1.651) 0.055 (1.397) TYP 0.110 (2.794) 0.090 (2.286) TYP 0.320 (8.128) 0.290 (7.366) 15 ° 0 ° 0.012 (0.305) 0.008 (0.203) TYP 1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH. 2. CERDIP LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS. 24-Lead SOIC (R-24) 0.013 (0.32) 0.009 (0.23) 0.042 (1.067) 0.018 (0.447) 6 ° 0 ° 0.03 (0.76) 0.02 (0.51) PIN 1 0.299 (7.6) 0.291 (7.39) 0.414 (10.52) 0.398 (10.10) 13 12 1 24 1. LEAD NO. 1 IDENTIFIED BY A DOT. 2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS 0.019 (0.49) 0.014 (0.35) 0.05 (1.27) BSC 0.096 (2.44) 0.089 (2.26) 0.608 (15.45) 0.596 (15.13) 0.01 (0.254) 0.006 (0.15) 28-Lead SOIC (R-28) 0.019 (0.49) 0.014 (0.35) 0.05 (1.27) BSC 0.708 (18.02) 0.696 (17.67) 0.01 (0.254) 0.006 (0.15) 0.096 (2.44) 0.089 (2.26) 0.013 (0.32) 0.009 (0.23) 0.042 (1.067) 0.018 (0.457) 6 ° 0 ° 0.03 (0.76) 0.02 (0.51) PIN 1 0.299 (7.6) 0.291 (7.39) 0.414 (10.52) 0.398 (10.10) 15 14 1 28 1. LEAD NO. IDENTIFIED BY A DOT. 2. SOICLEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS. 28-Lead SSOP (RS-28) 1. LEAD NO. 1 IDENTIFIED BY A DOT. 2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS 0.009 (0.229) 0.005 (0.127) 0.037 (0.94) 0.022 (0.559) 8 ° 0 ° 0.0256 (0.65) BSC 0.407 (10.34) 0.397 (10.08) 0.008 (0.203) 0.002 (0.050) 0.07 (1.78) 0.066 (1.67) PIN 1 15 14 1 28 0.311 (7.9) 0.301 (7.64) 0.212 (5.38) 0.205 (5.207) –16– |