전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8523TK/1 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 PCF8523TK/1
상세설명  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 16Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 17Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 18Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 19Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 20Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 21Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 22Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 23Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
20 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.6.1 Register Seconds
[1]
Start-up value.
8.6.1.1
Oscillator STOP flag
The OS flag is set whenever the oscillator is stopped (see Figure 12). The flag remains
set until cleared by using the interface. When the oscillator is not running, then the OS flag
cannot be cleared. This method can be used to monitor the oscillator.
The oscillator may be stopped, for example, by grounding one of the oscillator pins, OSCI
or OSCO. The oscillator is also considered to be stopped during the time between
power-on and stable crystal resonance. This time may be in a range of 200 ms to 2 s,
depending on crystal type, temperature, and supply voltage. At power-on, the OS flag is
always set.
Table 12.
Seconds - seconds and clock integrity status register (address 03h) bit
description
Bit
Symbol
Value
Place value Description
7
OS
0
-
clock integrity is guaranteed
1[1]
-
clock integrity is not guaranteed;
oscillator has stopped or been
interrupted
6 to 4
SECONDS
0 to 5
ten’s place
actual seconds coded in BCD
format
3 to 0
0 to 9
unit place
Table 13.
SECONDS coded in BCD format
Seconds value in
decimal
Upper-digit (ten’s place)
Digit (unit place)
Bit
Bit
6
5
4
3
2
1
0
00
000
0000
01
000
0001
02
000
0010
:
:::
::::
09
000
1001
10
001
0000
:
:::
::::
58
101
1000
59
101
1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com