전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADMC326 데이터시트(PDF) 28 Page - Analog Devices

부품명 ADMC326
상세설명  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADMC326 데이터시트(HTML) 28 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 23Page - Analog Devices ADMC326 Datasheet HTML 24Page - Analog Devices ADMC326 Datasheet HTML 25Page - Analog Devices ADMC326 Datasheet HTML 26Page - Analog Devices ADMC326 Datasheet HTML 27Page - Analog Devices ADMC326 Datasheet HTML 28Page - Analog Devices ADMC326 Datasheet HTML 29Page - Analog Devices ADMC326 Datasheet HTML 30Page - Analog Devices ADMC326 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
ADMC326
–28–
REV. A
0
0
0
0
DM (0x2000)
ADC1 (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
DM (0x2001)
ADC2 (R)
15
14
13
12
11
10
9
8
7654
3210
0
0
0
0
DM (0x2002)
ADC3 (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
DM (0x2003)
ADCAUX (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2068)
ICONST_TRIM (R/W)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ICONST MIN = BITS 0 – 2 CLEARED.
ICONST MAX = BITS 0 – 2 SET.
0
0
0
00
0
0
00
0
0
00
0
0
0
Figure 24. Configuration of Additional AUX Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31