| 전자부품 데이터시트 검색엔진 |
|
ADMC326YR 데이터시트(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326YR 데이터시트(HTML) 24 Page - Analog Devices |
|
24 / 31 page ![]() ADMC326 –24– REV. A 0 0 0 0 0 0 0 0 0 0 LOW SIDE GATE CHOPPING 0 = DISABLE 1 = ENABLE HIGH SIDE GATE CHOPPING DM (0x200B) GDCLK GATE DRIVE CHOPPING FREQUENCY PWMGATE (R/W) PWMPD (R/W) DM (0x200A) PWMPD PWMCHA (R/W) PWM CHANNEL A DUTY CYCLE DM (0x200C) PWMCHB (R/W) PWM CHANNEL B DUTY CYCLE DM (0x200D) PWMCHC (R/W) DM (0x200E) PWM CHANNEL C DUTY CYCLE TMIN = PWMPD fCLKOUT SECONDS fCHOP = 4 (GDCLK + 1) fCLKOUT 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 00 0 Figure 20. Configuration of Additional PWM Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |