전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADMC328YR 데이터시트(PDF) 27 Page - Analog Devices

부품명 ADMC328YR
상세설명  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADMC328YR 데이터시트(HTML) 27 Page - Analog Devices

Back Button ADMC328YR Datasheet HTML 23Page - Analog Devices ADMC328YR Datasheet HTML 24Page - Analog Devices ADMC328YR Datasheet HTML 25Page - Analog Devices ADMC328YR Datasheet HTML 26Page - Analog Devices ADMC328YR Datasheet HTML 27Page - Analog Devices ADMC328YR Datasheet HTML 28Page - Analog Devices ADMC328YR Datasheet HTML 29Page - Analog Devices ADMC328YR Datasheet HTML 30Page - Analog Devices ADMC328YR Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADMC328
–27–
REV. B
PIOFLAG0 (R)
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
00
0
0
0
PIOFLAG1 (R)
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
00
0
0
0
DM (0x2007)
0 = NO INTERRUPT
1 = INTERRUPT FLAGGED
DM (0x2047)
0 = NO INTERRUPT
1 = INTERRUPT FLAGGED
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PIOINTEN0 (R/W)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2006)
0 = INTERRUPT DISABLE
1 = INTERRUPT ENABLE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PIOINTEN1 (R/W)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DM (0x2046)
0 = INTERRUPT DISABLE
1 = INTERRUPT ENABLE
PIO0 – PIO7
PIO8
PIO0 – PIO7
PIO8
Figure 24. Configuration of Additional PIO Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32