전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-XT-1W 데이터시트(PDF) 4 Page - Microdc power Technology Co., Ltd

부품명 A-XT-1W
상세설명  1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRODC [Microdc power Technology Co., Ltd]
홈페이지  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A-XT-1W 데이터시트(HTML) 4 Page - Microdc power Technology Co., Ltd

  A-XT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A-XT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd A-XT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd A-XT-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd A-XT-1W Datasheet HTML 5Page - Microdc power Technology Co., Ltd A-XT-1W Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
A
A
A
A
A
A
A-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 6
Application
Application
Application
Application
Application
Application
Application
Application Notes
Notes
Notes
Notes
Notes
Notes
Notes
Notes
Output
Output
Output
Output Ripple
Ripple
Ripple
Ripple Reduction
Reduction
Reduction
Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component
Component
Component
Component selection
selection
selection
selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor should be
such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be >20MHz.
Inductor
Capacitor
L,μH
SMD
Through Hole
C,μF
A0303XT
10
82103C
11R103C
4.7
A0305XT
22
82223C
11R223C
2.2
A0309XT
22
82223C
11R223C
2.2
A0312XT
47
82473C
11R473C
1
A0315XT
220
82474C
11R474C
0.22
A0503XT
10
82103C
11R103C
4.7
A0505XT
10
82103C
11R103C
4.7
A0305NXT
10
82103C
11R103C
4.7
A0509XT
22
82223C
11R103C
2.2
A0512XT
47
82473C
11R223C
1
A0515XT
220
82474C
11R473C
0.22
A1205XT
10
82103C
11R474C
4.7
A1209XT
22
82223C
11R223C
2.2
A1212XT
47
82473C
11R473C
1
A1215XT
220
82474C
11R474C
0.22
Tolerance
Tolerance
Tolerance
Tolerance
Tolerance
Tolerance
Tolerance
Tolerance Envelopes
Envelopes
Envelopes
Envelopes
Envelopes
Envelopes
Envelopes
Envelopes
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com