전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP3331ART 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADP3331ART
상세설명  Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP3331ART 데이터시트(HTML) 8 Page - Analog Devices

  ADP3331ART Datasheet HTML 1Page - Analog Devices ADP3331ART Datasheet HTML 2Page - Analog Devices ADP3331ART Datasheet HTML 3Page - Analog Devices ADP3331ART Datasheet HTML 4Page - Analog Devices ADP3331ART Datasheet HTML 5Page - Analog Devices ADP3331ART Datasheet HTML 6Page - Analog Devices ADP3331ART Datasheet HTML 7Page - Analog Devices ADP3331ART Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. 0
ADP3331
–8–
To limit the junction temperature to 125
°C, the maximum
allowable ambient temperature is:
TA(MAX) = +125
°C – 42.4°C = +82.6°C
Shutdown Mode
Applying a TTL level high signal to the shutdown (
SD) pin, or
tying it to the input pin, will turn the output ON. Pulling the
SD to 0.4 V or below, or tying it to ground, will turn the output
OFF. In shutdown mode, the quiescent current is reduced to
less than 1
µA.
Error Flag Dropout Detector
The ADP3331 will maintain its output voltage over a wide
range of load, input voltage, and temperature conditions. If the
output is about to lose regulation, due to the input voltage ap-
proaching the dropout level, the error flag will be activated. The
ERR output is an open collector, which will be driven low.
Once set, the
ERR flag’s hysteresis will keep the output low
until a small margin of operating range is restored either by
raising the supply voltage or reducing the load.
Low Voltage Applications
In applications where the output voltage is 2.2 V or less, the
ADP3331 may begin to exhibit some turn-on overshoot. The
degree of overshoot is determined by several factors: the output
voltage setting, the output load, the noise reduction capacitor,
and the output capacitor.
The output voltage setting is determined by the application and
cannot be tailored for minimum overshoot. In general, for out-
put voltages 2.2 V or less, the overshoot becomes larger as the
output voltage decreases.
The output load is also determined by the system requirements.
However, if the ADP3331 has no load on the output during
start-up, a small amount of preload can be added to minimize
overshoot. A preload of 2
µA to 20 µA is recommended.
A noise reduction capacitor, if not already being used, is sug-
gested to reduce the overshoot. Values in the range of 10 pF to
100 pF works best along with the preload suggested previously.
The output capacitor can be adjusted to minimize the over-
shoot. Values in the 0.47
µF to 1.0 µF range should be used in
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead Surface Mount
RT-6 (SOT-23-6)
0.122 (3.10)
0.106 (2.70)
PIN 1
0.071 (1.80)
0.059 (1.50)
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95) BSC
1
3
4
5
6
2
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10°
0°
0.020 (0.50)
0.010 (0.25)
0.059 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
conjunction with the preload and noise reduction capacitor.
Further increases in the output capacitance may be acceptable if
the output already has a sizable load during start-up.
Higher Output Current
The ADP3331 can source up to 200 mA without any heat sink
or pass transistor. If higher current is needed, an appropriate
pass transistor can be used, as in Figure 23, to increase the
output current to 1 A.
VIN = 3.3V
VOUT = 1.8V @ 1A
MJE253*
C2
10 F
C1
47 F
R1
50
*REQUIRES HEAT SINK
IN
OUT
ERR
GND
SD
ADP3331
FB
340k
698k
Figure 23. High Output Current Linear Regulator
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. PC board traces with larger cross sectional areas will remove
more heat from the ADP3331. For optimum heat transfer,
specify thick copper and use wide traces.
2. The thermal resistance can be decreased by approximately
10% by adding a few square centimeters of copper area to
the lands connected to the pins of the LDO.
3. The feedback pin is a high impedance input, and care should
be taken when making a connection to this pin. The voltage
setting resistors and noise reduction network must be located
as close as possible. Long PC board traces are not recom-
mended. Avoid routing traces near possible noise sources.



Html Pages

1 2 3 4 5 6 7 8