| 전자부품 데이터시트 검색엔진 |
|
DAMM15S 데이터시트(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15S 데이터시트(HTML) 39 Page - ITT Industries |
|
39 / 62 page ![]() www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change C C-39 Grommet D GD* Test Data GD* connectors meet all applicable requirements of MIL-C-24308. The following are exerpts from ITT Cannon Test Can- non Test Report C82-78 applicable to environmental D-Subminiature GD* series connectors. Refer to MIL-C- 24308 Test Extracts on page 385. Test Test Description Method Results Moisture Resistant MIL-STD-1344 1. No deterioration of performance. Method 1002.1 Type II 2. Insulation resistance greater than 100 megaohms. 3. No evidence of flashover or breakdown during 1000 VAC DWV testing. Fluid Immersion 20 hours immersion in hydraulic 1. No detrimental damage. fluid per MIL-L-23699. 2. Able to meet requirements of mating and unmating test. Immersion Two hours immersion in tap water While still immersed, the mated connectors exceeded at a depth of 36.00 (914.40) in 100 megaohm insulator resistance and exhibited no mated condition, per MIL-STD 810, evidence of breakdown or flashover during 1000 VAC Method 512, Procedure 1. (RMS) DWV testing. Design Features CLOSED ENTRY SOCKET BONDING BONDING SEALING PLUG (OPTIONAL) SEALING PLUG (OPTIONAL) SHELL FRONT SHELL FRONT PIN CONTACT INTERFACIAL SEAL INSULATOR INSULATOR CONTACT RETAINING CLIP CONTACT RETAINING CLIP SHELL REAR SHELL REAR GROMMET GROMMET Socket Connector Pin Connector • Resilient silicone grommets for wire sealing • Interfacial seals • Closed-entry socket contacts • Bonded components to prevent moisture • Uses M39029 type contacts and termination tool- ing • Intermateable with most M24308 type connectors • Rear-release crimp contacts • LITTLE CAESAR® contact retention assembly • Optional sealing plugs, ITT Cannon part number Note: Crimp Contacts: See page C-13 ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 39 |