전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8048 데이터시트(PDF) 1 Page - Richtek Technology Corporation

부품명 RT8048
상세설명  3MHz 1A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8048 데이터시트(HTML) 1 Page - Richtek Technology Corporation

  RT8048 Datasheet HTML 1Page - Richtek Technology Corporation RT8048 Datasheet HTML 2Page - Richtek Technology Corporation RT8048 Datasheet HTML 3Page - Richtek Technology Corporation RT8048 Datasheet HTML 4Page - Richtek Technology Corporation RT8048 Datasheet HTML 5Page - Richtek Technology Corporation RT8048 Datasheet HTML 6Page - Richtek Technology Corporation RT8048 Datasheet HTML 7Page - Richtek Technology Corporation RT8048 Datasheet HTML 8Page - Richtek Technology Corporation RT8048 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8048
1
DS8048-01
June 2011
www.richtek.com
Pin Configurations
Ordering Information
(TOP VIEW)
WDFN-6L 2x2
3MHz 1A Step-Down Converter
General Description
The RT8048 is a high-efficiency Pulse-Width-Modulated
(PWM) step-down DC/DC converter. Capable of delivering
1A output current over a wide input voltage range from
2.5V to 5.5V, the RT8048 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs and hand-held devices. Two operating
modes are available including : PWM/Low Dropout auto
switch and shut-down mode. The internal synchronous
rectifier with low RDS(ON) dramatically reduces conduction
loss at PWM mode. No external Schottky diode is
required in practical application. The RT8048 enters Low-
Dropout mode when normal PWM cannot provide regulated
output voltage by continuously turning on the upper
P-MOSFET. The RT8048 enters shut-down mode and
consumes less than 0.1
μA when EN pin is pulled low. The
switching ripple is easily smoothed-out by small package
filtering elements due to a fixed operating frequency of
3MHz.
Features
2.5V to 5.5V Input Range
3MHz Fix-Frequency PWM Operation
1A Output Current
90% Efficiency
No Schottky Diode Required
0.6V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
RoHS Compliant and Halogen Free
Applications
Portable Instruments
Microprocessors and DSP Core supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
Marking Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
HB : Product Code
W : Date Code
NC
EN
FB/VOUT
GND
LX
VIN
5
4
1
2
3
6
7
RT8048(
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
-
)
Output Voltage
Default : Adjustable
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
HBW


유사한 부품 번호 - RT8048

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
More results

유사한 설명 - RT8048

제조업체부품명데이터시트상세설명
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
3MHz Fast Transient 400mA Step-Down Converter
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
3MHz, 1A Step-Down DC-DC Converter
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Monolithic Power System...
MP2128 MPS-MP2128 Datasheet
330Kb / 8P
2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11