| 전자부품 데이터시트 검색엔진 |
|
CMP401 데이터시트(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
CMP401 데이터시트(HTML) 8 Page - Analog Devices |
|
8 / 8 page ![]() CMP401/ CMP402 REV. 0 –8– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Pin Epoxy DIP (N-16) 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 16-Pin Narrow-SOIC (R-16A) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 1 16 9 8 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 0.0099 (0.25) 0.0075 (0.19) 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.3937 (10.00) 0.3859 (9.80) 16-Lead TSSOP (RU-16) 16 9 8 1 0.201 (5.10) 0.193 (4.90) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° |