| 전자부품 데이터시트 검색엔진 |
|
BUF04GS 데이터시트(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
BUF04GS 데이터시트(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() BUF04 REV. 0 –15– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead Plastic DIP (N-8) PIN 1 0.280 (7.11) 0.240 (6.10) 4 5 8 1 SEATING PLANE 0.015 (0.381) TYP 0.130 (3.30) MIN 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.430 (10.92) 0.348 (8.84) 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Lead Cerdip (Q-8) 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.005 (0.13) MIN 0.055 (1.4) MAX 1 PIN 1 4 5 8 0.310 (7.87) 0.220 (5.59) 0.405 (10.29) MAX 0.200 (5.08) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 8-Lead Narrow-Body SO (R-8) 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 4 5 1 8 0.102 (2.59) 0.094 (2.39) 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0040 (0.10) 0.1968 (5.00) 0.1890 (4.80) |