전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8222GP 데이터시트(PDF) 13 Page - Analog Devices

부품명 DAC8222GP
상세설명  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

DAC8222GP 데이터시트(HTML) 13 Page - Analog Devices

Back Button DAC8222GP Datasheet HTML 7Page - Analog Devices DAC8222GP Datasheet HTML 8Page - Analog Devices DAC8222GP Datasheet HTML 9Page - Analog Devices DAC8222GP Datasheet HTML 10Page - Analog Devices DAC8222GP Datasheet HTML 11Page - Analog Devices DAC8222GP Datasheet HTML 12Page - Analog Devices DAC8222GP Datasheet HTML 13Page - Analog Devices DAC8222GP Datasheet HTML 14Page - Analog Devices DAC8222GP Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DAC8222
–13–
REV. C
Figure 27. Single Supply Operation (Voltage Switching Mode)
Figure 28. Digitally-Programmable Window Detector (Upper/Lower Limit Detector)
BASIC APPLICATIONS
PROGRAMMING WINDOW DETECTOR
Figure 28 shows the DAC8222 used in a programmable window
detector configuration. The required upper and lower limits for
the test are loaded into
DAC A and DAC B. If a signal at the
test input is not within the programmed limits, the output will
indicate a logic zero.
MICROPROCESSOR INTERFACE CIRCUITS
The DAC8222’s versatile loading structure greatly simplifies in-
terfacing to 16-bit bus systems; it also reduces the number of
“glue” logic components. Data loading into its 12-bit wide data
input is achieved by use of only two control signals,
WR and
LDAC. DAC selection is controlled with a single DAC A/DAC B
line.
Figures 29 and 30 show how easily the DAC8222 interfaces
with the 8086 and 68000 16-bit microprocessors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15