전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVAL-ADF4113EB2 데이터시트(PDF) 5 Page - Analog Devices

부품명 EVAL-ADF4113EB2
상세설명  1750MHz Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EB2 데이터시트(HTML) 5 Page - Analog Devices

  EVAL-ADF4113EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVAL-ADF4113EB2
–5–
REV.PrA 01/00
Figure 5. Software Front Panel
Software Description
The software comes on a CD marked "ADF4xxx evalua-
tion software".
If the user double clicks on “setup.exe” on
the CD, then the install wizard installs the software.
Fol-
low the on-screen directions. The software will be in-
stalled in
a default directory called
“C:\ProgramFiles\Analog Devices\ADF4XXX_rev0”.
The installation will create a shortcut under Analog De-
vices by default. The program can be run by clicking on
ADF4XXX_rev0.
On running the software a panel appears which asks the
user to choose the device to progam. Select the ADF4113.
The front panel will appear with some arbitrary values.
The evaluation board can be setup exactly by clicking
"Eval Board" near the top right corner of the panel. From
the following menu select ADF4113EB2.
This will program the device to the recommended settings
for the setup (i.e. charge pump current, prescaler, polarity
etc.) The user can adjust any of the settings by clicking
with the left mouse button on that feature and adjusting it
accordingly. The drop-down menus contain options to
examine the various test-modes or to set the configuration
options.
There is also a facility to monitor the Supply and Charge
Pump Voltage as well as the Device Current. To get the
most up to date reading just click on the "UpdateVoltage
and Current Display Button".



Html Pages

1 2 3 4 5 6