| 전자부품 데이터시트 검색엔진 |
|
DCMM37SL 데이터시트(PDF) 38 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMM37SL 데이터시트(HTML) 38 Page - ITT Industries |
|
38 / 62 page ![]() Grommet D GD* Standard Shell Dimensions C-38 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change C + + + + 10˚TYP. B• M K L J X MAX. .031 (0.79) + _ .005 (0.13) .049 (1.24) MAX. .089 (2.26) + _ .003 (0.08) DIA. RIVET .130 (3.30) MAX. .031 (0.79) TOTAL DIAMETRICAL FLOAT WASHER OVERALL FREE FLOAT .004 - .012 (0.10) - (0.30) H G MAX. OVER GROMMET TWO HOLES .120 + _ .005 (3.05 + _ 0.13) DIA. D• E C A Front Rear Y-Float Mount H Over Shell G MAX. OVER GROMMET TWO HOLES .089 (2.26) + _ .003 (0.08) Rear B' D' 10˚TYP. B• D• E C A Front B' D' Shell with Float Dimensions It is recommended that only one assembly, either pin or socket, be float mounted. For front panel mounting use reverse float mounted. A ±.015 (0.38) 1.213 (30.81) 1.213 (30.81) 1.541 (39.14) 1.541 (39.14) 2.088 (53.03) 2.088 (53.03) 2.729 (19.32) 2.729 (19.32) 2.635 (66.92) 2.635 (66.92) B• ±.005 (0.13) — .643 (16.33) — .971 (24.66) — 1.511 (38.38) 2.159 (54.84) — 2.064 (52.42) B’ ±.005 (0.13) .666 (16.91) — .994 (25.24) — 1.534 (38.96) — 2.182 (55.42) 2.079 (52.81) — C ±.005 (0.12) .984 (24.99) .984 (24.99) 1.312 (33.32) 1.312 (33.32) 1.852 (47.04) 1.852 (47.04) 2.50 (63.50) 2.50 (63.50) 2.406 (61.11) 2.406 (61.11) D• ±.005 (0.13) — .311 (7.90) — .311 (7.90) — .311 (7.90) .311 (7.90) — .423 (10.74) D’ ±.005 (0.12) .329 (8.36) — .329 (8.36) — .329 (8.36) — .329 (8.36) .411 (11.20) — E ±.015 (0.38) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .494 (12.55) .605 (15.37) .605 (15.37) G Max. .750 (19.05) .750 (19.05) 1.093 (27.76) 1.093 (27.76) 1.625 (41.28) 1.625 (41.28) 2.270 (57.66) 2.270 (57.66) 2.162 (54.91) 2.162 (54.91) H ±.010 (0.25) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .422 (10.72) .534 (13.56) .534 (13.56) J ±.010 (0.25) .030 (0.76) .030 (0.76) .030 (0.76) .030 (0.76) .039 (0.99) .030 (0.76) .039 (0.99) .030 (0.76) .039 (0.99) .030 (0.76) K ±.006 (0.13) .235 (5.97) .243 (6.17) .235 (5.97) .243 (6.17) .230 (5.84) .243 (6.17) .230 (5.84) .243 (6.17) .230 (5.84) .243 (6.17) L ±.010 (0.25) .045 (1.14) .045 (1.14) .045 (1.14) .045 (1.14) .060 (1.52) .045 (1.14) .060 (1.52) .045 (1.14) .060 (1.52) .045 (1.14) M ±.085 (0.13) .422 (10.72) .429 (10.90) .422 (10.72) .429 (10.90) .426 (10.82) .429 (10.90) .426 (10.82) .429 (10.90) .426 (10.82) .429 (10.90) X Max. .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) .718 (18.24) Shell Size GDE-9P GDE-9S GDA-15P GDA-15S GDB-25P GDB-25S GD-37P GD-37S GDD-50P GDD-50S *dimensions B, D, and H are measured as outside dimensions at the bottom of draw. NOTE: B• and D• are the outside dimensions for socket side, B’ and D’ are the inside dimensions for pin side. High Density Layouts available. ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 38 |