전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAMM15SA 데이터시트(PDF) 22 Page - ITT Industries

부품명 DAMM15SA
상세설명  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SA 데이터시트(HTML) 22 Page - ITT Industries

Back Button DAMM15SA Datasheet HTML 18Page - ITT Industries DAMM15SA Datasheet HTML 19Page - ITT Industries DAMM15SA Datasheet HTML 20Page - ITT Industries DAMM15SA Datasheet HTML 21Page - ITT Industries DAMM15SA Datasheet HTML 22Page - ITT Industries DAMM15SA Datasheet HTML 23Page - ITT Industries DAMM15SA Datasheet HTML 24Page - ITT Industries DAMM15SA Datasheet HTML 25Page - ITT Industries DAMM15SA Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Cannon Combo-D, Solder Cup
Military/High Reliability
Receptacle, Solder cup, sizes DE-DC, with empty size 8 cavities
C-22
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
• For contact cavity arrangements, see
page C-43.
• Size 8 contacts, please refer to Combo D
catalog.
Empty size 8 contact cavities with solder pot termination
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING**
Shell
P/N with
P/N with
P/N with
size
Layout
through hole
through hole
through hole
DE
2W2
DEM2W2SA197
DEMM2W2S
DEM2W2SNMBK52
DE
2WK2
DEM2WK2SA197
DEMM2WK2S
DEM2WK2SNMBK52
DE
5W1
DEM5W1SA197
DEMM5W1S
DEM5W1SNMBK52
DA
7W2
DAM7W2SA197
DAMM7W2S
DAM7W2SNMBK52
DA
11W1
DAM11W1SA197
DAMM11W1S
DAM11W1SNMBK52
DA
3W3
DAM3W3SA197
DAMM3W3S
DAM3W3SNMBK52
DA
3WK3
DAM3WK3SA197
DAMM3WK3S
DAM3WK3SNMBK52
DB
5W5
DBM5W5SA197
DBMM5W5S
DBM5W5SNMBK52
DB
9W4
DBM9W4SA197
DBMM9W4S
DBM9W4SNMBK52
DB
13W3
DBM13W3SA197
DBMM13W3S
DBM13W3SNMBK52
DB
17W2
DBM17W2SA197
DBMM17W2S
DBM17W2SNMBK52
DB
21W1
DBM21W1SA197
DBMM21W1S
DBM21W1SNMBK52
DC
8W8
DCM8W8SA197
DCMM8W8S
DCM8W8SNMBK52
DC
13W6
DCM13W6SA197
DCMM13W6S
DCM13W6SNMBK52
DC
17W5
DCM17W5SA197
DCMM17W5S
DCM17W5SNMBK52
DC
21WA4
DCM21WA4SA197
DCMM21WA4S
DCM21WA4SNMBK52
DC
25W3
DCM25W3SA197
DCMM25W3S
DCM25W3SNMBK52
DC
27W2
DCM27W2SA197
DCMM27W2S
DCM27W2SNMBK52-
DD
24W1
DDM24W1SA197
DDMM24W1S
DDM24W1SNMBK52
DD
36W4
DDM36W4SA197
DDMM36W4S
DDM36W4SNMBK52
DD
43W2
DDM43W2SA197
DDMM43W2S
DDM43W2SNMBK52
DD
47W1
DDM47W1SA197
DDMM47W1S
DDM47W1SNMBK52
*For clinch nut 4-40 UNC thread add "E", for float mount add "Y" after D*M designation
(Ex. DCMME27W2P, DGMY27W2PK87) 2W2/2WK2, 3W3/3WK3 (keyed) 5W5 and 8W8 without
signal contacts.
** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory
for more information
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,317 (.0125)
± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,65 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2,500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2,406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Dimensions
Receptacle
A
C
B
10˚
A1
A2
ITT
CANNON
7W2S
1
2
3
4
5
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62