| 전자부품 데이터시트 검색엔진 |
|
OP484EP 데이터시트(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP484EP 데이터시트(HTML) 9 Page - Analog Devices |
|
9 / 20 page ![]() REV. 0 –9– OP184/OP284/OP484 30 0 1000 15 5 10 25 20 100 10 FREQUENCY – Hz 1 ±2.5V ≤ V S ≤ ±15V TA = +25°C Figure 29. Voltage Noise Density vs. Frequency 10 0 1000 6 2 4 8 100 10 FREQUENCY – Hz 1 ±2.5V ≤ V S ≤ ±15V TA = +25°C Figure 30. Current Noise Density vs. Frequency SETTLING TIME – µs 5 –5 01 6 24 4 3 2 1 0 5 3 –1 –2 –3 –4 VS = +5V TA = +25°C 0.1% 0.01% Figure 31. Settling Time vs. Step Size SETTLING TIME – µs 10 –10 01 6 24 8 6 4 2 0 5 3 –2 –4 –6 –8 VS = ±15V TA = +25°C 0.1% 0.01% Figure 32. Settling Time vs. Step Size 10 0% 100 90 1s 10mV VS = ±15V AV = 100k en = 0.3µVp-p Figure 33. 0.1 Hz to 10 Hz Noise 10 0% 100 90 1s VS = +5V, 0V AV = 100k en = 0.3µVp-p 10mV Figure 34. 0.1 Hz to 10 Hz Noise FREQUENCY – Hz 100 100 120 160 60 –40 1k 100k 10M 20 0 –20 40 80 140 10k 1M VS = ±15V VS = +3V TA = +25°C Figure 35. Channel Separation vs. Frequency 10 0% 100 90 1µs 100mV VS = +5V AV = 1 RL = OPEN CL = 300pF TA = +25°C +400mV 0V Figure 36. Small Signal Transient Response 10 0% 100 90 1µs 100mV VS = +5V AV = 1 RL = 2kΩ CL = 300pF TA - +25°C 400mV 0V Figure 37. Small Signal Transient Response |