| 전자부품 데이터시트 검색엔진 |
|
OP484FS 데이터시트(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP484FS 데이터시트(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() REV. 0 –19– OP184/OP284/OP484 14-Lead Epoxy DIP (P Suffix) 14 17 8 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 14-Lead Narrow-Body SO (S Suffix) 14 8 7 1 0.3444 (8.75) 0.3367 (8.55) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 8-Lead Epoxy DIP (P Suffix) 8 14 5 0.430 (10.92) 0.348 (8.84) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Lead SO (S Suffix) 85 4 1 0.1968 (5.00) 0.1890 (4.80) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° OUTLINE DIMENSIONS Dimensions shown in inches and (mm). |