| 전자부품 데이터시트 검색엔진 |
|
OP176GP 데이터시트(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP176GP 데이터시트(HTML) 19 Page - Analog Devices |
|
19 / 21 page ![]() OP176 REV. 0 –19– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead Plastic DIP (N-8) PIN 1 0.280 (7.11) 0.240 (6.10) 4 5 8 1 SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.430 (10.92) 0.348 (8.84) 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Lead Narrow-Body SO (SO-8) 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 4 5 1 8 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.1968 (5.00) 0.1890 (4.80) |