| 전자부품 데이터시트 검색엔진 |
|
OP481 데이터시트(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP481 데이터시트(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() OP181/OP281/OP481 –15– REV. 0 14-Lead Plastic DIP (N-14) 14 17 8 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) PIN 1 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 14-Lead Narrow Body SOIC (SO-14) 14 8 7 1 0.3444 (8.75) 0.3367 (8.55) 0.2440 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (3.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 14-Lead TSSOP (RU-14) 14 8 7 1 0.201 (5.10) 0.193 (4.90) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead Plastic DIP (N-8) 8 14 5 0.430 (10.92) 0.348 (8.84) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Lead SOIC (SO-8) 0.1968 (5.00) 0.1890 (4.80) 8 5 4 1 0.2440 (6.20) 0.2284 (5.80) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.0688 (1.75) 0.0532 (1.35) SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 8-Lead TSSOP (RU-8) 8 5 4 1 0.122 (3.10) 0.114 (2.90) PIN 1 0.0256 (0.65) BSC SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° |