| 전자부품 데이터시트 검색엔진 |
|
OP191GS 데이터시트(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP191GS 데이터시트(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() OP191/OP291/OP491 REV. 0 –19– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead Narrow-Body SO (S Suffix) 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 4 5 1 8 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.1968 (5.00) 0.1890 (4.80) 14-Lead Narrow-Body SO (S Suffix) 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 1 14 8 7 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0688 (1.75) 0.0532 (1.35) 0.3444 (8.75) 0.3367 (8.55) 0.0098 (0.25) 0.0040 (0.10) 8-Lead Epoxy DIP (P Suffix) PIN 1 0.280 (7.11) 0.240 (6.10) 4 5 8 1 SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.430 (10.92) 0.348 (8.84) 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 14-Lead Epoxy DIP (P Suffix) 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.795 (20.19) 0.725 (18.42) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC PIN 1 0.280 (7.11) 0.240 (6.10) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 0.070 (1.77) 0.045 (1.15) SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 7 8 14 1 14-Lead TSSOP (RU Suffix) PIN 1 (6.40) (0.65) 0.043 0.0040 (0.10) 0.1968 (5.00) 7 8 1 14 (0.13) 0.005 (1.10) 0.026 0.173 (4.40) 0.251 COPLANARITY (0.076) MAX 0.003 |