전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP221GP 데이터시트(PDF) 10 Page - Analog Devices

부품명 OP221GP
상세설명  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP221GP 데이터시트(HTML) 10 Page - Analog Devices

Back Button OP221GP Datasheet HTML 4Page - Analog Devices OP221GP Datasheet HTML 5Page - Analog Devices OP221GP Datasheet HTML 6Page - Analog Devices OP221GP Datasheet HTML 7Page - Analog Devices OP221GP Datasheet HTML 8Page - Analog Devices OP221GP Datasheet HTML 9Page - Analog Devices OP221GP Datasheet HTML 10Page - Analog Devices OP221GP Datasheet HTML 11Page - Analog Devices OP221GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
OP221
–10–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead CERDIP Package
(Q-8)
1
4
85
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.055 (1.4)
MAX
0.100 (2.54) BSC
15
0
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
8-Lead SOIC Package
(R-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0196 (0.50)
0.0099 (0.25)
45
8
0
0.102 (2.59)
0.094 (2.39)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.2440 (6.20)
0.2284 (5.80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12