전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP290GS 데이터시트(PDF) 5 Page - Analog Devices

부품명 OP290GS
상세설명  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP290GS 데이터시트(HTML) 5 Page - Analog Devices

  OP290GS Datasheet HTML 1Page - Analog Devices OP290GS Datasheet HTML 2Page - Analog Devices OP290GS Datasheet HTML 3Page - Analog Devices OP290GS Datasheet HTML 4Page - Analog Devices OP290GS Datasheet HTML 5Page - Analog Devices OP290GS Datasheet HTML 6Page - Analog Devices OP290GS Datasheet HTML 7Page - Analog Devices OP290GS Datasheet HTML 8Page - Analog Devices OP290GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
OP290
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP290 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . [(V–) – 20 V] to [(V+) + 20 V]
Common-Mode Input Voltage . [(V–) – 20 V] to [(V+) + 20 V]
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
P, S, Z Packages . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP290A . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP290E, OP290F, OP290G . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
Package Type
jA
2
jC
Unit
8-Lead Hermetic DIP (Z)
134
12
°C/W
8-Lead Plastic DIP (P)
96
37
°C/W
16-Lead SOL (S)
92
27
°C/W
NOTES
1Absolute Maximum Ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
jA is specified for worst-case mounting conditions, i.e.,
jA is specified for
device in socket for CERDIP and P-DIP packages; jA is specified for device
soldered to printed circuit board for SOL package.
ORDERING GUIDE
TA = 25 C
Package
Operating
VOS Max
Cerdip
Temperature
(mV)
8-Lead
Plastic
Range
200
OP290AZ*
MIL
200
OP290EZ*
XIND
300
OP290FZ*
XIND
500
OP290GP
XIND
500
OP290GS*
XIND
*Not for new designs. Obsolete April 2002.
For military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs.milspec./default.asp
SMD Part Number
ADI Part Number
5962-89783012A*
OP290ARCMDA
5962-8978301PA*
OP290AZMDA
*Not for new designs. Obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12