전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM400GDM33-F032 데이터시트(PDF) 4 Page - Dynex Semiconductor

부품명 DIM400GDM33-F032
상세설명  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F032 데이터시트(HTML) 4 Page - Dynex Semiconductor

  DIM400GDM33-F032 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM400GDM33-F032
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 400A
VGE = ±15V
VCE = 1800V
RG(ON) = 8.2 
RG(OFF) = 5.6
Cge = 110nF
LS ~ 100nH
2100
ns
tf
Fall time
210
ns
EOFF
Turn-off energy loss
520
mJ
td(on)
Turn-on delay time
1130
ns
tr
Rise time
245
ns
EON
Turn-on energy loss
620
mJ
Qrr
Diode reverse recovery charge
IF = 400A
VCE = 1800V
dIF/dt = 2000A/μs
160
μC
Irr
Diode reverse recovery current
330
A
Erec
Diode reverse recovery energy
150
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 400A
VGE = ±15V
VCE = 1800V
RG(ON) = 8.2 
RG(OFF) = 5.6
Cge = 110nF
LS ~ 100nH
2150
ns
tf
Fall time
220
ns
EOFF
Turn-off energy loss
600
mJ
td(on)
Turn-on delay time
1160
ns
tr
Rise time
285
ns
EON
Turn-on energy loss
870
mJ
Qrr
Diode reverse recovery charge
IF = 400A
VCE = 1800V
dIF/dt = 2000A/μs
300
μC
Irr
Diode reverse recovery current
400
A
Erec
Diode reverse recovery energy
300
mJ



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com