| 전자부품 데이터시트 검색엔진 |
|
OP467ARC/883 데이터시트(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP467ARC/883 데이터시트(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() OP467 REV. C –16– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 14-Lead Plastic DIP (P Suffix) (N-14) PIN 1 0.280 (7.11) 0.240 (6.10) 7 8 14 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.92) 0.795 (20.19) 0.725 (18.42) 0.022 (0.558) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.77) 0.045 (1.15) SEATING PLANE 0.130 (3.30) MIN 0.015 (0.381) MIN 0.325 (8.25) 0.300 (7.62) 0.015 (0.38) 0.008 (0.20) 15 0 16-Lead Wide-Body SOL (S Suffix) (R-16) 0.0500 (1.27 ) 0.0157 (0.40 ) 8 0 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.1043 (2.65) 0.0926 (2.35) 0.4133 (10.50) 0.3977 (10.10) 0.0118 (0.30) 0.0040 (0.10) PIN 1 0.4193 (10.65) 0.3937 (10.00) 0.2992 (7.60) 0.2914 (7.40) 1 20 9 8 0.0291 (0.74 ) 0.0098 (0.25 ) 45 0.0125 (0.32) 0.0091 (0.23) SEE DETAIL ABOVE 14-Lead Cerdip (Y Suffix) (Q-14) 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 0 0.785 (19.94) MAX 0.200 (5.08) MAX 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC SEATING PLANE 0.005 (0.13) MIN 0.098 (2.49) MAX PIN 1 0.310 (7.87) 0.220 (5.59) 7 8 1 14 20-Terminal Leadless Ceramic Chip Carrier (RC Suffix) (E-20A) NO. 1 PIN INDEX 0.040 x 45 (1.02 x 45 ) REF 3 PLCS 0.020 x 45 (0.51 x 45 ) REF 0.050 (1.27) BSC 0.358 (9.09) 0.32 (8.69) 0.055 (1.40) 0.045 (1.14) 0.100 (2.54) 0.064 (1.63) 0.028 (0.71) 0.022 (0.56) BOTTOM VIEW 0.075 (1.91) REF |