| 전자부품 데이터시트 검색엔진 |
|
OP470GS 데이터시트(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP470GS 데이터시트(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() REV. B OP470 –15– OUTLINE DIMENSIONS 14-Lead Ceramic Dip-Glass Hermetic Seal [CERDIP] (Q-14) Dimensions shown in inches and (millimeters) 14 17 8 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 0.100 (2.54) BSC 15 0 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.785 (19.94) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 14-Lead Plastic Dual-in-Line Package [PDIP] (N-14) Dimensions shown in inches and (millimeters) 14 1 7 8 0.685 (17.40) 0.665 (16.89) 0.645 (16.38) 0.295 (7.49) 0.285 (7.24) 0.275 (6.99) 0.100 (2.54) BSC SEATING PLANE 0.180 (4.57) MAX 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.060 (1.52) 0.050 (1.27) 0.045 (1.14) 0.150 (3.81) 0.135 (3.43) 0.120 (3.05) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.015 (0.38) MIN CONTROLLING DIMENSIONS ARE IN INCH; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MO-095-AB 16-Lead Standard Small Outline Package [SOIC] Wide Body (RW-16) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AA SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 16 9 8 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 10.50 (0.4134) 10.10 (0.3976) 0.32 (0.0126) 0.23 (0.0091) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) COPLANARITY 0.10 |