| 전자부품 데이터시트 검색엔진 |
|
OP471GSZ 데이터시트(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP471GSZ 데이터시트(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() REV. A OP471 –14– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 14-Lead PDIP Package (N-14) 14 1 7 8 PIN 1 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) 0.100 (2.54) BSC SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.022 (0.558) 0.014 (0.356) 0.160 (4.06) 0.115 (2.93) 0.070 (1.77) 0.045 (1.15) 0.130 (3.30) MIN 0.195 (4.95) 0.115 (2.93) 0.015 (0.381) 0.008 (0.204) 0.325 (8.25) 0.300 (7.62) 14-Lead CERDIP Package (Q-14) 14 17 8 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 0.100 (2.54) BSC 15 0 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.785 (19.94) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 16-Lead SOIC Package (R-16) SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.050 (1.27) BSC 16 9 8 1 0.4193 (10.65) 0.3937 (10.00) 0.2992 (7.60) 0.2914 (7.40) PIN 1 0.4133 (10.50) 0.3977 (10.00) 0.0125 (0.32) 0.0091 (0.23) 8 0 0.0291 (0.74) 0.0098 (0.25) 45 0.0500 (1.27) 0.0157 (0.40) |