전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DRD960G32 데이터시트(PDF) 2 Page - Dynex Semiconductor

부품명 DRD960G32
상세설명  Rectifier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD960G32 데이터시트(HTML) 2 Page - Dynex Semiconductor

  DRD960G32 Datasheet HTML 1Page - Dynex Semiconductor DRD960G32 Datasheet HTML 2Page - Dynex Semiconductor DRD960G32 Datasheet HTML 3Page - Dynex Semiconductor DRD960G32 Datasheet HTML 4Page - Dynex Semiconductor DRD960G32 Datasheet HTML 5Page - Dynex Semiconductor DRD960G32 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DRD960G34
2/6
www.dynexsemi.com
CURRENT RATINGS
Tcase = 75°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
1150
A
IF(RMS)
RMS value
-
1810
A
IF
Continuous (direct) on-state current
-
1630
A
Tcase = 100°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
960
A
IF(RMS)
RMS value
-
1510
A
IF
Continuous (direct) on-state current
-
1360
A
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
IFSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 175°C
12.0
kA
I
2t
I
2t for fusing
VR = 0
0.72
MA
2s



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com