| 전자부품 데이터시트 검색엔진 |
|
SW06GP 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SW06GP 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() SW06 REV. A –12– Single Pole Double Throw Selector Switch with Break-Before-Make Interval OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 20-Terminal Leadless Chip Carrier (RC-Suffix) E-20A 1 20 4 9 8 13 19 BOTTOM VIEW 14 3 18 0.028 (0.71) 0.022 (0.56) 45 ° TYP 0.015 (0.38) MIN 0.055 (1.40) 0.045 (1.14) 0.050 (1.27) BSC 0.075 (1.91) REF 0.011 (0.28) 0.007 (0.18) R TYP 0.095 (2.41) 0.075 (1.90) 0.100 (2.54) BSC 0.200 (5.08) BSC 0.150 (3.81) BSC 0.075 (1.91) REF 0.358 (9.09) 0.342 (8.69) SQ 0.358 (9.09) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) 16-Lead Plastic DIP (P-Suffix) N-16 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 16-Lead Cerdip (Q-Suffix) Q-16 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.840 (21.34) MAX 0.200 (5.08) MAX 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC SEATING PLANE 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.005 (0.13) MIN PIN 1 0.080 (2.03) MAX 0.310 (7.87) 0.220 (5.59) 16 1 8 9 16-Lead Wide Body SOL (S-Suffix) R-16/SOL-16 16 9 8 1 0.4133 (10.50) 0.3977 (10.00) PIN 1 SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° |