전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0508YC183MAT2A 데이터시트(PDF) 4 Page - AVX Corporation

부품명 0508YC183MAT2A
상세설명  Low Inductance Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

0508YC183MAT2A 데이터시트(HTML) 4 Page - AVX Corporation

  0508YC183MAT2A Datasheet HTML 1Page - AVX Corporation 0508YC183MAT2A Datasheet HTML 2Page - AVX Corporation 0508YC183MAT2A Datasheet HTML 3Page - AVX Corporation 0508YC183MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
62
Low Inductance Capacitors (RoHS)
0612/0508/0306/0204 LICC (Low Inductance Chip Capacitors)
SIZE
0204
0306
0508
0612
Packaging
Embossed
Embossed
Embossed
Length
mm
0.81 ± 0.15
1.27 ± 0.25
1.60 ± 0.25
(in.)
(0.032 ± 0.006)
(0.050 ± 0.010)
(0.063 ± 0.010)
Width
mm
1.60 ± 0.15
2.00 ± 0.25
3.20 ± 0.25
(in.)
(0.063 ± 0.006)
(0.080 ± 0.010)
(0.126 ± 0.010)
WVDC
4
6.3 10 16
4
6.3 10
16 25
50 6.3 10 16 25 50 6.3 10 16 25 50
CAP
0.001
(μF)
0.0022
0.0047
0.010
0.015
0.022
0.047
0.068
0.10
0.15
0.22
0.47
0.68
1.0
1.5
2.2
3.3
4.7
10
0306
Code Thickness
A
0.61 (0.024)
0508
Code Thickness
S
0.56 (0.022)
V
0.76 (0.030)
A
1.02 (0.040)
0612
Code Thickness
S
0.56 (0.022)
V
0.76 (0.030)
W
1.02 (0.040)
A
1.27 (0.050)
Solid = X7R
= X5R
= X7S
mm (in.)
0204
Code Thickness
C
0.35 (0.014)
= X6S
mm (in.)
mm (in.)
mm (in.)
PHYSICAL DIMENSIONS AND
PAD LAYOUT
W
t
T
L
LW
t
0612
1.60 ± 0.25
3.20 ± 0.25
0.13 min.
(0.063 ± 0.010)
(0.126 ± 0.010)
(0.005 min.)
0508
1.27 ± 0.25
2.00 ± 0.25
0.13 min.
(0.050 ± 0.010)
(0.080 ± 0.010)
(0.005 min.)
0306
0.81 ± 0.15
1.60 ± 0.15
0.13 min.
(0.032 ± 0.006)
(0.063 ± 0.006)
(0.005 min.)
0204
0.50 ± 0.05
1.00 ± 0.05
0.18 ± 0.08
(0.020 ± 0.002)
(0.040 ± 0.002)
(0.007 ± 0.003)
PHYSICAL CHIP DIMENSIONS mm (in)
“A”
CC
“B”
PAD LAYOUT DIMENSIONS
mm (in)
AB
C
0612
0.76 (0.030)
3.05 (0.120)
.635 (0.025)
0508
0.51 (0.020)
2.03 (0.080)
0.51 (0.020)
0306
0.31 (0.012)
1.52 (0.060)
0.51 (0.020)
0204
T - See Range Chart for Thickness and Codes



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com