전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE9302 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE9302
상세설명  SMB Tee Adapter Jack-Jack-Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9302 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9302 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9302 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9302 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Tee Adapter Jack-Jack-Jack
Configuration
Connector 1
SMB Jack
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMB Jack
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Connector 3
SMB Jack
Connector Specification 3
MIL-STD-348A
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
0.794 [20.17]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.524 [13.31]
.
Connector 1
Type
SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 3
Type
SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
SMB Tee Adapter Jack-Jack-Jack
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Tee Adapter Jack-Jack-Jack PE9302
PE9302
PE9302 REV


유사한 부품 번호 - PE9302

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE9300 PASTERNACK-PE9300 Datasheet
251Kb / 3P
C Male to C Male Adapter
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
228Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Pasternack Enterprises,...
PE9301 PASTERNACK-PE9301 Datasheet
110Kb / 1P
GR874 TO C FEMALE
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results

유사한 설명 - PE9302

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
SMB Jack to SMB Jack Bulkhead Adapter
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
SMB TEE, JACK-PLUG-JACK
PE9245 PASTERNACK-PE9245 Datasheet
76Kb / 3P
75 OHM SMB TEE, JACK-PLUG-JACK
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
HN PLUG-JACK-JACK TEE ADAPTER
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com