| 전자부품 데이터시트 검색엔진 |
|
AMSREF-01CS 데이터시트(PDF) 4 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMSREF-01CS 데이터시트(HTML) 4 Page - Advanced Monolithic Systems |
|
4 / 5 page ![]() Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140 AMSREF-01 OUTPUT ADJUSTMENT The REF-01 trim terminal can be used to adjust the 10V output voltage ± 300mV. This feature allows the system designer to trim system errors by setting the reference to a voltage other than 10V. The system can also be set exactly 10.000V, or to 10.240V for binary applications. Adjustment of the output does not significantly affect the temperature performance of the device. The temperature coefficient change is approximately 0.7ppm/ °C for 100mV of output adjustment. GND TRIM 10k Ω OUTPUT V IN V O +15V 2 6 5 4 REF-01 TYPICAL APPLICATIONS ±± 10V Reference Precision Calibration Standard Supply Bypassing For best results, it is recommended that the power supply pin is bypassed with a 0.1 µF disk ceramic capacitor. Current Source Current Sink GND TRIM 10k Ω V IN V O +15V 2 6 5 4 REF-01 +15V -15V 10k Ω 5k Ω -10V +10V 0.1 µF OP-02 - + GND TRIM 100k Ω V IN V O 9V 2 6 5 4 REF-01 9V 10.000V + - 0.1 µF 1.1mA GND TRIM R V IN V O -15V 2 6 5 4 REF-01 I OUT I OUT= (10.0V/R)+1mA VOLTAGE COMPLIANCE: -3V TO +25V GND TRIM R V IN V O +15V 2 6 5 4 REF-01 I OUT I OUT= (10.0V/R)+1mA VOLTAGE COMPLIANCE: -25V TO +3V |