전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4S2F 데이터시트(PDF) 2 Page - Ferroxcube International Holding B.V.

부품명 4S2F
상세설명  The cost effective EMI suppression alternative
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FERROXCUBE [Ferroxcube International Holding B.V.]
홈페이지  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

4S2F 데이터시트(HTML) 2 Page - Ferroxcube International Holding B.V.

  4S2F Datasheet HTML 1Page - Ferroxcube International Holding B.V. 4S2F Datasheet HTML 2Page - Ferroxcube International Holding B.V. 4S2F Datasheet HTML 3Page - Ferroxcube International Holding B.V. 4S2F Datasheet HTML 4Page - Ferroxcube International Holding B.V. 4S2F Datasheet HTML 5Page - Ferroxcube International Holding B.V. 4S2F Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
syMBol
ConDITIons
VAlUe
UnIT
µi
B
|Z| (1)
ρ
Tc
density
25ºC; 10kHz; 0.25 mT
mT
≈700
≈290
≈170
25ºC; 10kHz; 1200A/m
100ºC; 10kHz; 1200A/m
25ºC; 30 MHz
25ºC; 300 MHz
≥50
≥85
Ω
ºC
kg/m3
DC, 25ºC
≈104
Ωm
≥120
≈4800
(1) Measured on a bead ø5xø2x10 mm.
Material
specifications
Fig. 1 Complex permeability as a function
of frequency
Fig. 3 Initial permeability as a function of
temperature
Fig. 4 Typical B-H loops
Fig. 2 Impedance as a function of frequency,
measured on a bead ø5xø2x10 mm



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com