전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SOM-C3503 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 SOM-C3503
상세설명  COM with TI OMAP35 Series Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-C3503 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  SOM-C3503 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-C3503 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
Project-based
SOM-C3503/C3530 COMwithTIOMAP35Series
Processor
ƒ TI Cortex A8 OMAP35 series @ 600 MHz high performance/application
processor
ƒ 2D/3D graphics hardware engine (SOM-C3530 only)
ƒ D1 + resolution video utilizing TMS320C64x + DSP and video accelerators
(SOM-C3530 only)
ƒ TI's SmartReflex ultra low power technology supports 0.6W power
consumption when normal run
ƒ I/O through 3.3V I/O voltage and wide working temperature by industrial
design concept
ƒ Supports WinCE 6.0 & Embedded Linux 2.6
ƒ Rich I/O for high expansion capability
ƒ SoC chip support to 2019
Introduction
Industrial Designed I/O intensive COM
SOM-C3500 series Computer On Module (COM) integrates TI OMAP35 series ultra low-power SoC and I/O solution chips together with Windows CE or Linux to create ready-made
solutions. TI OMAP3530 supports 2D, 3D graphics acceleration, H/W video acceleration and H/W video encode/decode up to 720p, 30fps high definition. SOM-C3500 series with
3.3V I/O Voltage current and wide range temperature support is specially designed for industrial applications.
Design-in Package Ensures Efficient Evaluation and Implementation
The Design-in Package not only includes all the necessary H/W boards, fixtures and LCD related cables, but also includes the Advantech-customized API, utility & reference codes.
And of course, it includes all design-related documentation including, a white paper for detailed technical know-how.
Two supporting mechanisms are included in the Design-in Package:
Reference Kit: Includes the Advantech reference Customer Solution Board (CSB) and all documentation relating to CSB design and manufacture. ex : Schematics , and pin definition
.etc file.
LCD Kit: Includes the LCD, T/S and related cables. All goods are pre-verified and supported in Advantech's reference S/W package.
Specifications
Kernel
M/B
SOM-C3503
SOM-C3530
CPU
TI-OMAP 3503 Cortex A8 600 MHz
TI-OMAP 3530 Cortex A8 600 MHz
RAM
128 MB DDR
256 MB DDR
Image/AP Flash
None
2 GB
Graphics chip
24-bit LCD out by CPU
RTC
Yes
Watchdog
Yes
Reset
H/W reset & S/W reset(by register setting)
I/O (All interfaces with
industrial TTL 3.3V level.)
COM
TTL level COM 4 wire x3
TTL level COM x 5 (FF x 2 & 4 wire x 3)
Ethernet LAN
10/100 Mbps
USB Host
1
USB Client
1 (OTG supported)
SD/MMC
SD/MMC x 2
Touch
4-wire Resistive type
SPI
1
Keypad
6 x 6 matrix keypad support
I2C Interface
2
GPIO
20 x pins 3.3V TTL level GPIOs
Multimedia
Graphics Chip
CPU internal 24-bit LCD controller
Resolution
Default 800 x 480, 320 x 240 ~ 1280 x 800 (optional)
LCD Output
24-bit buffered 3.3V TTL level
Audio
Line-in, Line-out, MIC-in
Power
DC-input
3.3V +-5% & 3.6V+-5%
Power Consumption
Idle
~ 0.6 W
Full Run
~ 1.2 W
Mechanical and
Environmental
Board Size
68 x 68 x 7.5 mm
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
(-20 ~ 70° C, -40 ~ 85° C by project base)
Operating Humidity
5% ~ 95% Relative Humidity, non condensing
Other
RoHS
Yes
Certifications
CE/FCC Class A
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 18-Jun-2012


유사한 부품 번호 - SOM-C3503

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
SOM-C3503-650B0E ADVANTECH-SOM-C3503-650B0E Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
SOM-C3503-650BAE ADVANTECH-SOM-C3503-650BAE Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
More results

유사한 설명 - SOM-C3503

제조업체부품명데이터시트상세설명
logo
AAEON Technology
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
RISC CPU Board With TI OMAP 3503/3530 Processor
logo
Advantech Co., Ltd.
PCM-C3503 ADVANTECH-PCM-C3503 Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530 ADVANTECH-PCM-C3530 Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530_EVALUATION_KIT ADVANTECH-PCM-C3530_EVALUATION_KIT Datasheet
1,018Kb / 2P
TI OMAP35 SBC with Windows짰 Embedded CE 6.0
ROM-1210 ADVANTECH-ROM-1210 Datasheet
1Mb / 2P
COM with Freescale i.MX53 Series Processor
SOM-C3530 ADVANTECH-SOM-C3530 Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
SOM-C3530EVALUATIONKIT ADVANTECH-SOM-C3530EVALUATIONKIT Datasheet
1Mb / 2P
TI OMAP35 COM with Windows짰 Embedded CE 6.0
logo
AAEON Technology
RICO-1460 AAEON-RICO-1460 Datasheet
206Kb / 1P
2.5??RISC CPU Board With Ti OMAP 4460 Processor
logo
List of Unclassifed Man...
SP-7W61 ETC2-SP-7W61 Datasheet
628Kb / 2P
Smart Panel with TI AM3715 Sitara Cortex A8 Processor
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com