전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE9608 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE9608
상세설명  75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9608 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9608 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
Configuration
Connector 1
Mini SMB Jack
Impedance 1
75 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
Mini SMB Jack
Impedance 2
75 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.835 [21.21]
Width/Dia., in [mm]
0.28 [7.11]
.
Connector 1
Type
Mini SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
Mini SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-smb-jack-mini-smb-jack-straight-adapter-pe9608-p.aspx
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9608
PE9608 REV


유사한 부품 번호 - PE9608

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE9600 PASTERNACK-PE9600 Datasheet
243Kb / 2P
SMA Male to Reverse Polarity TNC Female Adapter
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Pasternack Enterprises,...
PE9601 PASTERNACK-PE9601 Datasheet
259Kb / 3P
SMA Male to Reverse Polarity TNC Male Adapter
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601EK PEREGRINE-PE9601EK Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results

유사한 설명 - PE9608

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
75 Ohm N Female to Mini SMB Jack Adapter
PE9618 PASTERNACK-PE9618 Datasheet
255Kb / 2P
75 Ohm Mini SMB Jack to BNC Male Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
75 Ohm Mini SMB Jack to BNC Female Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com