전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM8062A 데이터시트(PDF) 11 Page - Linear Technology

부품명 LTM8062A
상세설명  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM8062A 데이터시트(HTML) 11 Page - Linear Technology

Back Button LTM8062A Datasheet HTML 7Page - Linear Technology LTM8062A Datasheet HTML 8Page - Linear Technology LTM8062A Datasheet HTML 9Page - Linear Technology LTM8062A Datasheet HTML 10Page - Linear Technology LTM8062A Datasheet HTML 11Page - Linear Technology LTM8062A Datasheet HTML 12Page - Linear Technology LTM8062A Datasheet HTML 13Page - Linear Technology LTM8062A Datasheet HTML 14Page - Linear Technology LTM8062A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTM8045
11
8045fa
For more information www.linear.com/8045
OPERATION
The LTM8045 is a stand-alone switching DC/DC converter
that may be configured either as a SEPIC (single-ended
primary inductance converter) or inverting power supply
simply by tying VOUT– or VOUT+ to GND, respectively.
It accepts an input voltage up to 18VDC. The output is
adjustable between 2.5V and 15V for the SEPIC, and
between –2.5V and –15V for the inverting configuration.
The LTM8045 can provide 700mA at VIN = 12V when VOUT
= 2.5V or –2.5V.
As shown in the Block Diagram, the LTM8045 contains a
current mode controller, power switching element, power
coupled inductor, power Schottky diode and a modest
amount of input and output capacitance. The LTM8045
is a fixed frequency PWM converter.
The LTM8045 switching can free run by applying a resis-
tor to the RT pin or synchronize to an external source at
a frequency between 200kHz and 2MHz. To synchronize
to an external source, drive a valid signal source into the
SYNC pin. An RT resistor is required whether or not a
SYNC signal is applied. See the Applications Information
section for more details.
The LTM8045 also features RUN and SS pins to control
the start-up behavior of the device. The RUN pin may also
be used to implement an accurate undervoltage lockout
function by applying just one or two resistors.
The LTM8045 is equipped with a thermal shutdown to
protect the device during momentary overload conditions.
It is set above the 125°C absolute maximum internal tem-
perature rating to avoid interfering with normal specified
operation, so internal device temperatures will exceed
the absolute maximum rating when the overtemperature
protection is active. Therefore, continuous or repeated
activation of the thermal shutdown may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com